Part Number Hot Search : 
PND05A6 TFM1350F S1000 DS3050W MTP6N 10F60SC3 Z10CP 75NS04Z
Product Description
Full Text Search
 

To Download 2SC3117 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
DESCRIPTION *With TO-126 package *Complement to type 2SA1249 *High breakdown voltage *Large current capacity APPLICATIONS *Color TV sound output;converters; Inverters' applications *160V/1.5A switching applications
PINNING PIN 1 2 3 Emitter Collector;connected to mounting base Base DESCRIPTION
2SC3117
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Ta=25 PC Collector power dissipation TC=25 Tj Tstg Junction temperature Storage temperature 10 150 -55~150 CONDITIONS Open emitter Open base Open collector VALUE 180 160 6 1.5 2.5 1.0 W UNIT V V V A A
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency Output capacitance CONDITIONS IC=1mA; RBE=< IC=10A; IE=0 IE=10A ; IC=0 IC=500mA; IB=50mA IC=500mA; IB=50mA VCB=120V; IE=0 VEB=4V; IC=0 IC=100mA ; VCE=5V IC=10mA ; VCE=5V IC=50mA ; VCE=10V IE=0 ; VCB=10V;f=1MHz 100 90 MIN
2SC3117
SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 fT Cob
TYP. 160 180 6 0.13 0.85
MAX
UNIT V V V
0.45 1.2 1.0 1.0 400
V V A A
120 22
MHz pF
hFE-1 Classifications R 100-200 S 140-280 T 200-400
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC3117
Fig.2 Outline dimensions
3
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3117
4


▲Up To Search▲   

 
Price & Availability of 2SC3117

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X